PART |
Description |
Maker |
SSR4040CT-61 SSR4040CT_61 SSR4040CT/61 |
40 AMP 40 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
|
Solid States Devices, Inc
|
SSR2045CTG |
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SSR2045CT-28 |
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SSR2045CT |
20 AMP 45 VOLTS POSITIVE SCHOTTKY RECTIFIER CENTERTAP
|
SSDI[Solid States Devices, Inc]
|
SSR4045CTC |
40 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
|
Solid States Devices, Inc
|
SSR2010CTC |
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 20 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|
LM1084M LM1084MSMD-05-8QR-B |
5 AMP POSITIVE 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, BCC3
|
Seme LAB SEMELAB LTD
|
KA78M08TU KA78M08RTF |
3-Terminal 0.5A Positive Voltage Regulator; Package: TO-220; No of Pins: 3; Container: Rail 8 V FIXED POSITIVE REGULATOR, PSFM3 3-Terminal 0.5A Positive Voltage Regulator; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|
LT1085ITPBF LT1085CMPBF LT1084CTPBF LT1084ITTRPBF |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MBFM2
|
Renesas Electronics, Corp. Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
QRF1430T30 QRC1430T30 QR1430T30 QRD1430T30 |
Fast Recovery Diode Module (300 Amp/1400 Volts) 快速恢复二极管模块00 Amp/1400伏特
|
http:// POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|